Part Number Hot Search : 
XN421N LM317P AK25GB40 P6KE20 NPT2019 ENA1266 SDR710 AL14H2CJ
Product Description
Full Text Search
 

To Download HS-880SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com positive ecl (pecl) hs-870/880 series description the hs-870/880 series of quartz crystal oscillators provide mecl 10k and 10kh series compatible signals in industry standard four-pin dip hermetic packages.. systems designers may now specify space-saving, cost-effective packaged pecl oscillators to meet their timing requirements. features ? wide frequency range?15.0mhz to 250.0mhz ? user specified tolerance available ? will withstand vapor phase temperatures of 253c for 4 minutes maximum ? space-saving alternative to discrete component oscillators ? high shock resistance, to 3000g ? all metal, resistance weld, hermetically sealed package ? low jitter ? mecl 10k and 10kh series compatible output on pin 8 ? high q crystal actively tuned oscillator circuit ? power supply decoupling internal ? no internal pll avoids cascading pll problems ? high frequencies due to proprietary design ? gold plated leads - solder dipped leads available upon request electrical connection hs-870 pin connection 1 n.c. 7 v ee /ground 8 output 14 v cc hs-880 pin connection 1 n.c. 7 v cc 8 output 14 v ee /ground dimensions are in inches and (mm) crystal clock oscillators data sheet 9205e rev. m
357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com hs-870/880 series continued positive ecl (pecl) operating conditions and output characteristics electrical characteristics parameter symbol conditions min typical max frequency ----- ----- 15.0mhz ----- 250.0mhz duty cycle ----- @ v cc -1.29v 45/55% ----- 55/45% logic 0 (2) v ol ----- v cc -1.95v ----- v cc -1.60v logic 1 (2) v oh ----- v cc -1.02v ----- v cc -0.74v rise & fall time tr,tf 20-80%v o with 50 ohm load to v cc -2v ----- 1.0 ns 1.5 ns jitter, rms (3) ----- ----- ----- ----- 5 psec frequency stability (1) df/f overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration general characteristics parameter symbol conditions min typical max supply voltage v cc ----- 4.75v 5.0v 5.25v supply current i cc 50 ohm termination 0.0 ma ----- 80 ma to 2.00v below v cc output current i o low level output current 0.0 ma ----- 50.0 ma operating temperature t a ------ 0c ----- 70c storage temperature t s ----- -55c ----- 125c power dissipation p d ----- ----- ----- 420 mw lead temperature t l soldering, 10 sec. ----- ----- 300c load 50 ohm to v cc -2v or thevenin equivalent, bias required start-up time t s ----- ----- 2 ms 10 ms environmental and mechanical characteristics mechanical shock per mil-std-202, method 213, condition e thermal shock per mil-std-833, method 1011, condition a vibration 0.060" double amplitude 10 hz to 55 hz, 35g?s 55hz to 2000 hz soldering condition 300c for 10 seconds hermetic seal leak rate less than 1 x 10 -8 atm.cc/sec of helium esd sensitivity human body model per on semiconductor 10kh series ecl: 500v min . footnotes: 1) standard frequency stability (20,25,50ppm & others available) 2) v ol , v oh , referenced to ground (v ee ) with v cc = 5v 3) jitter performance is frequency dependent. please contact factory for full characterization. rev. m crystal clock oscillators hs - a 87x - freq package code tolerance/performance hs leaded 4 pin (14 pin) 0 100ppm 0-70c sm leaded 4 pin (14 pin) smd 1 50ppm 0-70c gull wing 7 25ppm 0-70c input voltage 9 customer specific code specification a 20ppm 0-70c a 3.3v b 50ppm -40 to +85c 5v c 100ppm -40 to +85c creating a part number data sheet 9205e


▲Up To Search▲   

 
Price & Availability of HS-880SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X